Part Number Hot Search : 
0265R 74F11 MAX92 MAX92 110A7 IRF713 2SC5320 IDT5V
Product Description
Full Text Search
 

To Download HN624416SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HN624416 Series
1048576-word x 16-bit/ 2097152-word x 8-bit CMOS Mask Programmable ROM
ADE-203-466 (Z) Preliminary Rev. 0.0 Nov. 20, 1995 Description
The HN624416 is a 16-Mbit CMOS mask-Programmable ROM organized either as 1048576 words by 16 bits or 2097152 words by 8 bits. Realizing low power consumption, this memory is allowed for battery operation. And a high speed access of 100/120 ns (max) is the most suitable to the system using a high speed microcomputer by 16 bits.
Feature
* Single 5 V supply * High speed Access time: 100/120 ns (max) * Low power Active: 660 mW (max) Standby: 165 W (max) * Byte-wide or word-wide data organization (Switched by BHE terminal) * Three-state data output for or-tying * Directly TTL compatible All inputs and outputs * Pin compatible with 8 Mbit Mask ROM (HN62448)
Ordering Information
Type No. HN624416P-10 HN624416P-12 HN624416FB-10 HN624416FB-12 HN624416TT-10 HN624416TT-12 Access time 100 ns 120 ns 100 ns 120 ns 100 ns 120 ns Package 600 mil 42-pin plastic DIP (DP-42) 600 mil 44-pin plastic SOP (FP-44D) 400 mil 44-pin plastic TSOP II (TTP-44D)
Note: The specifications of this device are subject to change without notice. Please contact your nearest Hitachi's Sales Dept. regarding specifications.
HN624416 Series
Pin Arrangement
HN624416P Series HN624416FB Series HN624416TT Series A19 A8 A9 A10 A11 A12 A13 A14 A15 A16 BHE VSS D15/A-1 D7 D14 D6 D13 D5 D12 D4 VCC NC A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 CE VSS OE D0 D8 D1 D9 D2 D10 D3 D11 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 (Top View) 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 NC A19 A8 A9 A10 A11 A12 A13 A14 A15 A16 BHE VSS D15/A-1 D7 D14 D6 D13 D5 D12 D4 VCC
A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 CE VSS OE D0 D8 D1 D9 D2 D10 D3 D11
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 (Top View)
42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22
Pin Description
Pin name A-1, A0 to A19 D0 to D15 BHE CE OE NC VCC VSS Function Address inputs Data outputs 8/16 bit (byte/word) mode switch Chip enable Output enable No connection Power supply Ground
2
HN624416 Series
Block Diagram
A19 A8 Address Buffer A7 Y Decoder A0 Y Gates X Decoder Memory Array
(A-1) *1 Hex / Byte BHE OE 3-state output buffer CE BHE = VIH : 16-bit (D15 to D0) BHE = VIL : 8-bit (D7 to D0) Note: 1. A-1 is least significant address. When BHE is 'low', D14 to D8 goes the high impedance state, and D15 should be A-1. D0 D15/(D7)
Mode Selection
Pin Data output Mode Standby Output disable Read (16-bit) Read (8-bit) Read (8-bit) CE H L L L L OE x
*1
Address input LSB -- -- MSB -- -- A19 A19 A19
BHE x x H L L
D15/A-1 x x Dout L H
D0-D7 High-Z High-Z D0 to D7 D0 to D7
*2
D8-D15 High-Z High-Z
H L L L
D8 to D15 A0 High-Z A-1 A-1
D8 to D15 High-Z
Notes: 1. x: Don't care. 2. High-Z: High impedance
3
HN624416 Series
Absolute Maximum Ratings
Parameter Supply voltage
*1 *1
Symbol VCC Vin, Vout Topr Tstg Tbias
Value -0.3 to + 7.0 -0.3 to VCC + 0.3 0 to + 70 -55 to + 125 -20 to + 85
Unit V V C C C
All input and output voltage
Operating temperature range Storage temperature range Temperature under bias Note: 1. With respect to V SS .
Recommended DC Operating Conditions (Ta = 0 to + 70C)
Parameter Supply voltage Symbol VCC VSS Input voltage VIH VIL Min 4.5 0 2.2 -0.3 Typ 5.0 0 -- -- Max 5.5 0 VCC + 0.3 0.8 Unit V V V V
DC Characteristics (VCC = 5.0 V 10%, VSS = 0 V, Ta = 0 to + 70C)
Parameter Supply current Active Standby Standby Input leakage current Output leakage current Output voltage Symbol I CC I SB1 I SB2 |IIL| |IOL | VOH VOL Min -- -- -- -- -- 2.4 -- Max 120/100 30 3 10 10 -- 0.4 Unit mA A mA A A V V Test conditions VCC = 5.5 V, IDOUT = 0 mA, t RC = 100/120 ns VCC = 5.5 V, CE VCC - 0.2 V VCC = 5.5 V, CE 2.2 V Vin = 0 to VCC CE = 2.2 V, Vout = 0 to V CC I OH = -205 A I OL = 1.6 mA
Capacitance (VCC = 5.0 V 10%, VSS = 0 V, Ta = 25C, Vin = 0 V, f = 1MHz)
Parameter Input capacitance
*1 *1
Symbol Cin Cout
Min -- --
Max 10 15
Unit pF pF
Output capacitance Note:
1. This parameter is sampled and not 100% tested. D15/A-1 pin is output.
4
HN624416 Series
AC Characteristics (VCC = 5.0 V 10%, VSS = 0 V, Ta = 0 to + 70C)
* * * * Output load: 1TTL + CL = 100 pF (including jig) Input pulse level: 0.45 to 2.4 V Input and output timing reference level: 1.5 V Input rise and fall time: 5 ns
HN624416-10 Parameter Read cycle time Address access time CE access time OE access time BHE access time Output hold time from address change Output hold time from CE Output hold time from OE Output hold time from BHE CE to output in high-Z OE to output in high-Z BHE to output in high-Z CE to output in low-Z OE to output in low-Z BHE to output in low-Z Note: Symbol t RC t AA t ACE t OE t BHE t DHA t DHC t DHO t DHB t CHZ t OHZ t BHZ t CLZ t OLZ t BLZ Min 100 -- -- -- -- 5 0 0 0 -- -- -- 5 5 5 Max -- 100 100 40 100 -- -- -- -- 30 30 30 -- -- -- HN624416-12 Min 120 -- -- -- -- 5 0 0 0 -- -- -- 5 5 5 Max -- 120 120 50 120 -- -- -- -- 30 30 30 -- -- -- Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 1 1 1 Note
1. t CHZ, tOHZ and t BHZ are defined as the time at which the output achieves the open circuit conditions and are not referred to output voltage levels.
5
HN624416 Series
Timing Waveforms
Word Mode (BHE = `VIH') or Byte Mode (BHE = `VIL')
t RC Address t AA t ACE CE t CLZ t OE OE t OLZ Dout High-Z Valid data t DHO t OHZ High-Z t DHC t CHZ t DHA
Notes: 1. tDHA, t DHC, tDHO: Determined by faster. 2. t AA, tACE , tOE: Determined by slower. 3. t CLZ , t OLZ : Determined by slower.
Word Mode, Byte Mode Switch
A-1
High-Z
High-Z
t AA
BHE
t DHA
t BHZ
D7 to D0 Valid data
t BHE
Valid data
t DHB
D15 to D8
t BLZ High-Z
Valid data
Notes: 1. CE and OE are enable, A19 to A0 are valid. 2. D15/A-1 pin is in the output state when BHE is high, CE and OE are enable. Therefore, the input signals of opposite phase to the output must not be applied to them.
6
HN624416 Series
Power Up Sequence
VCC
4.5V 0V CE
t P 0s
t ACE
Address Valid data
t AA
Dout Valid data
Notes: 1. This device is used ATD (Address Transition Detecter). Therefore, transfer either CE or address (A19 to A0) after power up to 4.5V.
7
HN624416 Series
Package Dimensions
HN624416P Series (DP-42)
Unit: mm
42
52.80 53.80 Max
22 15.0 Max 2.54 Min 5.06 Max 13.40
1 1.3 Max
1.20
21 15.24
0.51 Min
2.54 0.25
0.48 0.10
0.25 - 0.05 0 - 15
+ 0.26
HN624416FB Series (FP-44D)
Unit: mm
28.50 28.70 Max 44 23 12.60 3.00 Max
1 1.02 Max
22
0.17 0.05
16.04 0.30 1.72
0.40 0.10
1.27 0.10 0.12 M
0.19 0.10
0 - 10 0.80 0.20
8
HN624416 Series
Package Dimensions (cont)
HN624416TT Series (TTP-44D)
18.41 18.81 Max 44 23 Unit: mm
1 0.30 0.10
0.80 0.13 M
22
10.16
1.105 Max 1.20 Max 0.17 0.05
11.76 0.20 0 - 5
+0.03 -0.05
0.10
0.80
0.13
0.50 0.10
9


▲Up To Search▲   

 
Price & Availability of HN624416SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X